Part Number Hot Search : 
T82A6 T74LV B1185 BD9G101G IVRC059X XTV12750 2SC3930 TGT20
Product Description
Full Text Search
 

To Download VSMY2850G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 83398 for tec hnical questions, contact: emittertechsuppo rt@vishay.com www.vishay.com rev. 1.0, 22-dec-10 1 high speed infrared emitting diodes, 850 nm, surface emitter technology vsmy2850rg, VSMY2850G vishay semiconductors description vsmy2850 series are infrared, 850 nm emitting diodes based on gaalas surface emitter chip technology with extreme high radiant intensitie s, high optical power and high speed, molded in clear, untinted plastic packages (with lens) for surface mounting (smd). features ? package type: surface mount ? package form: gw, rgw ? dimensions (l x w x h in mm): 2.3 x 2.3 x 2.8 ? peak wavelength: p = 850 nm ? high reliability ? high radiant power ? very high radiant intensity ? angle of half intensity: ? = 10 ? suitable for high pulse current operation ? terminal configurations: gullwing or reserve gullwing ? package matches with detector vemd2500x01 series ? floor life: 4 weeks, msl 2a, acc. j-std-020 ? compliant to rohs directive 2002/95/ec and in accordance to weee 2002/96/ec ? halogen-free according to iec 61249-2-21 definition applications ? irda compatible data transmission ? miniature light barrier ? photointerrupters ? optical switch ? emitter source for proximity sensors ? ir touch panels ? ir illumination note ? test conditions see table basic characteristics note ? moq: minimum order quantity vsmy2850rgx01 VSMY2850Gx01 21725-3 product summary component i e (mw/sr) ? (deg) p (nm) t r (ns) vsmy2850rg 100 10 850 10 VSMY2850G 100 10 850 10 ordering information ordering code packaging remarks package form vsmy2850rg tape and reel moq: 6000 pc s, 6000 pcs/reel re verse gullwing VSMY2850G tape and reel moq: 6000 pcs, 6000 pcs/reel gullwing ** please see document vishay material category policy: www.vishay.com/doc?99902
www.vishay.com for technical questions, contact: emittertechsupport@vishay.com document number: 83398 2 rev. 1.0, 22-dec-10 vsmy2850rg, VSMY2850G vishay semiconductors high speed infrared emitting diodes, 850 nm, surface em itter technology fig. 1 - power dissipation limit vs. ambient temperature fig. 2 - forward current limit vs. ambient temperature absolute maximum ratings (t amb = 25 c, unless otherwise specified) parameter test condition symbol value unit reverse voltage v r 5v forward current i f 100 ma peak forward current t p /t = 0.5, t p = 100 s i fm 200 ma surge forward current t p = 100 s i fsm 1a power dissipation p v 190 mw junction temperature t j 100 c operating temperature range t amb - 40 to + 85 c storage temperature range t stg - 40 to + 100 c soldering temperature acc. figure 7, j-std-020 t sd 260 c thermal resistance j unction/ambient j-std-051, soldered on pcb r thja 250 k/w 0 20 40 60 80 100 120 140 160 180 200 0 102030405060708090100 21890 t amb - ambient temperature (c) p v - power dissipation (mw) r thja = 250 k/w 0 20 40 60 80 100 120 0 10 203040 50607080 90100 21891 r thja = 250 k/w t amb - ambient temperature (c) i f - forward current (ma) basic characteristics (t amb = 25 c, unless otherwise specified) parameter test condition symbol min. typ. max. unit forward voltage i f = 100 ma, t p = 20 ms v f 1.65 1.9 v i f = 1 a, t p = 100 s v f 2.9 v temperature coefficient of v f i f = 1 ma tk vf - 1.45 mv/k i f = 10 ma tk vf - 1.3 mv/k reverse current i r not designed for reverse operation a junction capacitance v r = 0 v, f = 1 mhz, e = 0 mw/cm 2 c j 125 pf radiant intensity i f = 100 ma, t p = 20 ms i e 50 100 150 mw/sr i f = 1 a, t p = 100 s i e 850 mw/sr radiant power i f = 100 ma, t p = 20 ms e 55 mw temperature coefficient of radiant power i f = 100 ma tk e - 0.35 %/k angle of half intensity ? 10 deg peak wavelength i f = 100 ma p 840 850 870 nm spectral bandwidth i f = 30 ma ? 30 nm temperature coefficient of p i f = 30 ma tk p 0.25 nm/k rise time i f = 100 ma, 20 % to 80 % t r 10 ns fall time i f = 100 ma, 20 % to 80 % t f 10 ns virtual source diameter d 1.5 mm
document number: 83398 for tec hnical questions, contact: emittertechsuppo rt@vishay.com www.vishay.com rev. 1.0, 22-dec-10 3 vsmy2850rg, VSMY2850G high speed infrared emitting diodes, 850 nm, surface emitter technology vishay semiconductors basic characteristics (t amb = 25 c, unless otherwise specified) fig. 3 - forward current vs. forward voltage fig. 4 - radiant intensity vs. forward current fig. 5 - relative radi ant power vs. wavelength fig. 6 - relative radiant in tensity vs. angular displacement solder profile fig. 7 - lead (pb)-free reflow solder profile acc. j-std-020 drypack devices are packed in mois ture barrier bags (mbb) to prevent the products from moisture absorption during transportation and storage. each bag contains a desiccant. floor life floor life (time between soldering and removing from mbb) must not exceed the time indicated on mbb label: floor life: 4 weeks conditions: t amb < 30 c, rh < 60 % moisture sensitivity level 2a, acc. to j-std-020. drying in case of moisture absorpt ion devices should be baked before soldering. conditions see j-std-020 or label. devices taped on reel dry using recommended conditions 192 h at 40 c (+ 5 c), rh < 5 %. v f - forward voltage (v) 22097 i f - forward current (a) 0.001 0.01 0.1 1 10 0 0.5 1 1.5 2 2.5 3 3.5 t p = 100 s 22098 i f - forward current (a) i e - radiant intensity (mw/sr) 1 10 100 1000 0.001 0.01 0.1 1 t p = 100 s - wavelength (nm) 21776-1 e, rel - relative radiant power 0 0.25 0.5 0.75 1 650 750 850 950 i f = 30 ma 21111 0.6 0 0.2 0.4 0.9 0.8 0 30 10 20 40 50 60 70 80 0.7 1.0 i e rel - relative radiant intensity ? - angular displacement 0 50 100 150 200 250 300 0 50 100 150 200 250 300 time (s) temperature (c) 240 c 245 c max. 260 c max. 120 s max. 100 s 217 c max. 30 s max. ramp up 3 c/s max. ramp down 6 c/s 19841 255 c
www.vishay.com for technical questions, contact: emittertechsupport@vishay.com document number: 83398 4 rev. 1.0, 22-dec-10 vsmy2850rg, VSMY2850G vishay semiconductors high speed infrared emitting diodes, 850 nm, surface em itter technology package dimensions in millimeters: vsmy2850rg 2.2 5.8 0.2 2.77 0.2 2.3 0.2 cathode 0.5 0.05 0.1 0.254 1.1 0.1 anode 0.4 2.2 0.19 0.3 1.6 0.4 ? 1.8 0.1 2.3 0.2 s pecification s according to din technical drawing s not indicated tolerance s 0.1 drawing-no.: 6.544-5391.03-4 pin id expo s ed copper i ss ue: 1; 18.03.10 22100 0.75 6.7 1.7 ? 2.3 0.1 s older pad propo s al acc. ipc 7351 z z 20:1
document number: 83398 for tec hnical questions, contact: emittertechsuppo rt@vishay.com www.vishay.com rev. 1.0, 22-dec-10 5 vsmy2850rg, VSMY2850G high speed infrared emitting diodes, 850 nm, surface emitter technology vishay semiconductors package dimensions in millimeters: VSMY2850G 2.2 4.2 0.2 2.77 0.2 2.3 0.2 cathode 0.5 0.05 0.254 0.6 anode 0.4 2.2 0.19 0.3 1.6 0.4 ? 1.8 2.3 0.2 s pecification s according to din technical drawing s not indicated tolerance s 0.1 drawing-no.: 6.544-5383.03-4 i ss ue: 1; 18.03.10 22099 expo s ed copper pin id 0.75 2.45 5.15 s older pad propo s al acc. ipc 7351 x x 20:1
www.vishay.com for technical questions, contact: emittertechsupport@vishay.com document number: 83398 6 rev. 1.0, 22-dec-10 vsmy2850rg, VSMY2850G vishay semiconductors high speed infrared emitting diodes, 850 nm, surface em itter technology taping and reel dimensions in millimeters : vsmy2850rg issue: 2; 18.03.10 drawing-no.: 9.800-5100.01-4 leader and trailer tape: parts mounted empty (400 mm min.) empty (160 mm min.) direction of pulling out unreel direction ? 62 0.5 ? 330 1 reel 2 . 5 0.5 label posted here coming out from reel tape position x ? 1 3 0.5 12.4 1.5 x 2:1 i ii 6000 pcs/reel 12 0.3 5.5 0.05 1.75 0.1 2 0.05 4 0.1 4 0.1 ? 1.55 0.05 3.05 0.1 21572 technical drawings according to din specifications terminal position in tape devicce vemd2000 vemd2500 cathode anode anode cathode vsmb2000 vsmg2000 vsmy2850rg vemt2000 vemt2500 collector emitter lead i lead ii
document number: 83398 for tec hnical questions, contact: emittertechsuppo rt@vishay.com www.vishay.com rev. 1.0, 22-dec-10 7 vsmy2850rg, VSMY2850G high speed infrared emitting diodes, 850 nm, surface emitter technology vishay semiconductors taping and reel dimensions in millimeters : VSMY2850G drawing-no.: 9.800-5091.01-4 leader and trailer tape: parts mounted empty (400 mm min.) empty (160 mm min.) direction of pulling out unreel direction ? 62 0.5 ? 330 1 reel 2 . 5 0.5 label posted here coming out from reel tape position x ? 13 0.5 12.4 1.5 x 2:1 i ii 6000 pcs/reel 12 0.3 5.5 0.05 1.75 0.1 2 0.05 4 0.1 4 0.1 ? 1.55 0.05 3.05 0.1 21571 technical drawings according to din specifications issue: 3; 18.03.09 terminal position in tape devicce vsmb2020 vsmg2020 cathode anode anode cathode vemd2020 vemd2520 VSMY2850G vemt2020 vemt2520 collector emitter lead i lead ii
document number: 91 000 www.vishay.com revision: 11-mar-11 1 disclaimer legal disclaimer notice vishay all product, product specifications and data ar e subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectivel y, vishay), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicab le law, vishay disc laims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, incl uding without limitation specia l, consequential or incidental dama ges, and (iii) any and all impl ied warranties, including warran ties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of pro ducts for certain types of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in gene ric applications. such statements are not binding statements about the suitability of products for a partic ular application. it is the customers responsibility to validate that a particu lar product with the properties described in th e product specification is su itable for use in a particul ar application. parameters provided in datasheets an d/or specifications may vary in different applications and perfo rmance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vishays term s and conditions of purchase, including but not limited to the warranty expressed therein. except as expressly indicated in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vishay product co uld result in person al injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold vishay and it s distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale, including attorneys fees, even if such claim alleges that vis hay or its distributor was negligent regarding the design or manufact ure of the part. please contact authorized vishay personnel t o obtain written terms and conditions regarding products designed fo r such applications. no license, express or implied, by estoppel or otherwise, to any intelle ctual property rights is gran ted by this document or by any conduct of vishay. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of VSMY2850G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X